Part Number Hot Search : 
60200 H224J H8S2635 KBU80 H8S2635 2SC306 2SC306 P3302
Product Description
Full Text Search
 

To Download CBC3225T100MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 revision n0. 002 revision date: 01-23-2013 energy harvesting electronics typical application features  simple and easy charge management for vibration energy harvesting  integrates directly with all volture? energy harvesters  parallel or series piezoelectric connection C improved efficiency  user selectable dc output C (1.8v, 2.5v, 3.3v, 3.6v) applications  industrial health monitoring network sensors  condition based maintenance sensors  wireless hvac sensors  mobile asset tracking  tire pressure sensors  oil and gas sensors  all air, land, and sea vehicle sensors  battery and hard wired power replacement vin gnd out vstore vcc micro controller tx/r x charge management sensor sensor sensor ehe004 charge management system ehe004 figure 1: representative energy harvesting system using a volture? piezoelectric energy harvester and the ehe004 charge management electronics. description the ehe004 is an energy harvesting power conditioning circuit, which converts the ac output from a piezoelectric energy harvester to a regulated dc output. the ehe004 consists of a full-wave rectifier with integrated charge management and dc-dc conversion, and connects directly to any volture? piezoelectric energy harvesting product. the dc output can be configured to the following voltage settings: 1.8v, 2.5v, 3.3v, and 3.6v. the board includes 200 f of storage capacitance onboard - more capacitance can be added if required. the ehe004 utilizes the linear technology ltc3588-1 piezoelectric charge management ic - designed to maximize total piezoelectric energy harvester output and mechanical-to-electrical conversion efficiency with medium to heavy loads. each volture? energy harvesting product has two piezoelectric wafers. the ehe004 provides the user with ability to connect these wafers either in series or parallel. the series setting provides power output at lower g levels for small vibration amplitude applications. the parallel setting provides higher average power output levels at higher vibration amplitude levels. for more information please contact mide tech. corp by emailing: volture@mide.com
electrical characteristics principle of operation 2 revision n0. 002 revision date: 01-23-2013 the ltc3588-1 piezoelectric energy harvesting power supply from linear technology is the primary component on the ehe004. from linear technologys datasheet: the ltc3588-1 integrates a low-loss full-wave bridge rectifier with a high efficiency buck converter to form a complete energy harvesting solution optimized for high output impedance energy sources such as piezoelectric transducers. an ultralow quiescent current undervoltage lockout (uvlo) mode with a wide hysteresis window allows charge to accumulate on an input capacitor until the buck converter can efficiently transfer a portion of the stored charge to the output. in regulation, the ltc3588-1 enters a sleep state in which both input and output quiescent currents are minimal. the buck converter turns on and off as needed to maintain regulation. four output voltages, 1.8v, 2.5v, 3.3v and 3.6v, are pin selectable with up to 100ma of continuous output current; however, the output capacitor may be sized to service a higher output current burst. an input protective shunt set at 20v enables greater energy storage for a given amount of input capacitance. for more information on the ltc3588-1 please visit: http://cds.linear.com/docs/datasheet/35881fa.pdf referring to figure 2b, the ltc3588-1 power supply ic integrates an extremely low quiescent current voltage comparator with a highly efficient buck regulator. the buck regulator is activated when the rectified input voltage, vcap, rises above the pre-set undervoltage lockout (uvlo) rising voltage threshold for the chosen output voltage setting (page 5 table specification). the regulator remains active until the input voltage has been depleted to the uvlo falling threshold, at which point the buck operation is disabled. thus, for as long as the load demand exceeds the input power (as in typical sensor or battery charger applications), the input voltage will hover between the uvlo rising and falling thresholds. in cases where the input power exceeds the load demand, the vcap voltage will rise beyond the uvlo rising threshold, storing the excess power on the input capacitor. if the voltage at vcap exceeds approximately 20vdc, an internal voltage clamp (5ma continuous rating) prevents damage to the device. ehe004
configuration the ehe004 has two means of signal rectification (normal and superseries) and two ways to connect the two piezoelectric wafers in a volture? product (series and parallel). there are also four options for the regulated dc output (1.8v, 2.5v, 3.3v, and 3.6v). in total there are sixteen possible configuration settings. the vibration environment and voltage requirements dictated by the application will determine the best configuration settings for the ehe004. maximum power point: the efficiency of power transfer from the piezo to the load, and thus normalized power (mw/g), will be at maximum when the loaded piezo voltage (for moderate to heavy loads, equal to the average uvlo voltage) is approximately ? its open-circuit voltage. however, the ouput will continue to increase with increasing vibration amplitude. for light loads where vcap is not depleted to the uvlo voltage during buck operation, transfer efficiency is inconsequential as more power is available than the load can use. normal vs. superseries: the difference between normal and superseries, is the bridge rectifier connection. in the normal mode of operation, the bridge rectifier is operated in fullbridge mode and its output voltage is half the peak-to-peak input voltage minus two diode drops. in the superseries configuration, the rectifier operates in a half-bridge mode with only one diode drop. the normal mode is recommended for maximum power output at moderate input voltages, however the halfbridge mode will allow operation from slightly lower minimum input voltages. parallel vs. series operation: all of mides volture products contain two piezo elements stacked in a bimorph configuration and pinned out independently, allowing the user to choose between parallel and series connection. on the ehe004 board, switch sw1 selects between parallel (doubled current, lower input voltage) and series (doubled input voltage, lower current) connection. generally low level vibrations are best suited to the series configuration and high level vibrations are best suited to the parallel configuration. however, the optimal setting will depend on a number of factors including which volture product is being used and the parameters of the vibration environment. the table below shows the general configuration settings for different application types. however, each application is unique and the optimal settings will depend on both the application and volture? or other piezoelectric element used for the energy conversion. table 1: general configuration guide listing for various applications. every application is unique and may not fit these general settings. 3 revision n0. 002 revision date: 01-23-2013 ehe004 application (vibration level) general ehe004 configuration settings sw1 sw3 very low amplitude series superseries low to moderate amplitude series or superseries moderate amplitude parallel normal high amplitude parallel normal
configuration the terminal block at the bottom-left of the board (solder or screw terminals) provides the regulated output and other signals from the ehe004. the connections from left to right are: gnd C electrical ground vout C regulated output voltage vcap C test point for measuring the voltage across the input capacitor(s). additional capacitance can be added between this terminal & gnd as needed. pgood C active-high power good signal. this signal will be high (true) when the output is in regulation and will go low (false) when the output voltage drops below 92% of its regulated value. this will typically occur once the input voltage falls below the uvlo threshold or if the maximum output current is exceeded. in addition, a low-voltage auxiliary power source, such as a solar cell, can be added by soldering to the aux+ and aux- pads at the bottom-left corner of the board, provided the source complies with the absolute maximum ratings set forth above (v ac 18v, r source >400 ohms , sw3=superseries). a blocking diode (400mv typical voltage drop) in series with the aux input prevents reverse leakage across the device. 4 revision n0. 002 revision date: 01-23-2013 switch #1 (sw1) ? piezo connection series ? switch up parallel ? switch down output voltage switch #2 left & right 00 = 1.8v = up up 10 = 3.3v = down up 01 = 2.5v = up down 11 = 3.6v = down down switch #2 (sw2) ? dc output setting switch up first decimal becomes = 00 switch down first decimal becomes = 10 switch up second decimal becomes = 00 switch down second decimal becomes = 01 switch #3 (sw3) ? rectification method superseries ? switch up normal ? switch down connection information h i ehe0 configuring the ehe004 is done by using the combination of switches which appear on the top side of the board. the switch at the top right, designated sw3, controls the bridge rectifier connection. place in the norm position (downward) for normal operation, and the ss position for half-wave (superseries) operation. the switch in the lower right hand side, sw1, switches between parallel (downward, par. position) and series (upward, ser. position) piezo connection. the switch located in the top left hand corner of the board, designated sw2, sets the output voltage as marked below. in the legend below, the left and right digit refer to the left and right toggle switch, respectively, and the 1 or on position is toward the dot marked on the switch. ehe004
5 revision n0. 002 revision date: 01-23-2013 ehe004 specifications the following provides a brief summary of the most important specifications of the ehe004. for complete specifications and performance plots for the ltc3588-1 charge management ic, please refer to the ltc3588-1 data sheet. for volture? specifications, such as typical relationships between frequency, tip mass and output voltage for each product, please refer to the volture? data sheet. specification value (typical @ 25c) input capacitance 200uf (stock product C custom values available upon request) output capacitance 10uf maximum input voltage 18v (low impedance sources) 1 maximum peak protective shunt current 25ma (1ms duration) maximum continuous protective shunt current 5ma quiescent current uvlo 450na buck enabled, sleeping (vin = 4.5v) 950na buck enabled, sleeping (vin = 18v) 1.7ua buck enabled, active 2 150ua maximum output current 100ma note 1: an internal clamp circuit limits the input voltage to 20v; the maximum input voltage stated may be safely exceeded provided the maximum input current condition is satisfied. note 2: does not include active switching or inductor currents (isw=0). dynamic supply current is higher due to gate charge being delivered at the switching frequency.
operation the ehe004 performance was measured while connected to a volture? v25w piezoelectric energy harvester. the system was properly clamped and tuned using the procedures detailed in the volture? datasheet. the assembly was attached to a shake table to generate vibrations to test the system. the shake table was driven by a function generator and the amplitude was measured with an accelerometer. to determine average power, the output duty cycle at the known output voltage over a fixed 1.00k-ohm load was measured. performance measurements were taken at 0.25g, 0.50g, 0.75g, and 1g amplitudes. the lowest amplitude at which the ehe004 input exceeded the uvlo threshold, producing a usable output, was also recorded. the figure below shows the results for these tests. for the same amplitude conditions, other volture? products would exhibit similar performance characteristics though with different power output levels. typical average power output levels for volture? energy harvesting products can be found on the volture? datasheet. this representative figure shows how the different settings on the ehe004 can be used most efficiently given the vibration profile that this specific energy harvester with this tip mass was subjected to. for lowest amplitude vibrations (in this instance below 0.175 gee) 6 revision n0. 002 revision date: 01-23-2013 0 0.2 0.4 0.6 0.8 1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 v25w, 1.8v, 75 hz, 2 .4 gram tip mass , reg cap amplitude (g) average power (mw) normal, series normal, parallel superseries, series superseries, parallel vout setting (v) uvlo rising (v) uvlo falling (v) vmpp (v) 1 vmin (v) 2 vripple @ vin=uvlo (mv) 3 vripple @ vin=20 (mv) 3 1.8 4.04 2.87 7.4 3.1 120 160 2.5 4.04 2.87 7.5 3.1 120 160 3.3 5.05 3.67 9.3 3.6 140 280 3.6 5.05 4.02 9.6 3.6 160 300 note 1: approximate maximum power point (open- circuit piezo voltage) at which power transfer to the load is maximized. note 2: minimum start-up voltage in halfbridge (superseries) configuration. note 3: ripple values measured at no load and the 10uf onboard output capacitance. performance plots ehe004
performance plots 7 revision n0. 002 revision date: 01-23-2013 ehe004 aux + aux - d9 gnd bat43w j3 sw1 p$6 p$1 p$2 p$3 p$4 p$5 qpxx_ra sw3 1 2 3 j4 1 2 3 vns0 vns1 4 5 6 vin2 sw2 sw2 gnd 1 2 3 cas-d20 gnd c1 1uf vcap c2 100nf 100uf 100uf c100 c101 + pad 9 8 7 6 2 1 pz1 pz2 cap vin sw gnd pgood d0 d1 vin2 vout 3 4 5 u1 gnd v+ v+ pgood vcap gnd vos0 vos1 4.7uf vin2 10uh c3 47uf v+ c4 dnp c5 gnd pgood ltc3588mse l1 p$4 p$3 p$2 p$1 gnd j1 +vout sw2: output voltage select vos1 0 0 1 1 0 1 0 1 1.8v 2.5v 3.3v 3.6v 3.45v 4.1v 4.5v 5.0v vos0 3588-1 3588-2 volture v2xx pin 1-4 is as follows: piezo wafers on pin 1&2, 3&4 sw3/j4 ?superseries? select 1-2: normal bridges operation 2-3: halfbridge operation sw1: piezo conection down: wafers in parallel up: wafers in series volture? product a b without j3 connector b with j3 connector v20w / v25w 1.250 0.588 0.986 v21b / v21bl 0.600 0.633 1.031 v22b / v22bl n/a n/a n/a v20w / v25w 1.250 0.588 0.986 v21b / v21bl 0.600 0.633 1.031 v22b / v22bl n/a n/a n/a figure 2: ehe004 board dimensions when used with one of mides volture energy harvesters. maximum component height on the board is 0.10. all dimensions are in inches. volture product 0.100 0.700 a 1.450 1.600 ehe004 volture product 2 x 0.089 2-56 thru b the only setting that was able to provide any output was the superseries, parallel setting. from approximately 0.175 gee to 0.25 gee the normal, series setting was best. for all amplitudes above 0.25 gee the normal, parallel was the most efficient. it should be noted that these curves will vary substantially depending on the product that is used as well as the tip mass that is used to tune the product. in conclusion what this representative curve shows is that the piezos output energy and voltage for certain settings will allow the system to operate closer to the half open circuit voltage causing more efficient operation. for low level vibration the series setting is needed to get the piezo voltage output to reach the minimum voltage to operate the ehe004. board schematic and dimensions figure 2b: ehe004 schematic
board schematic and dimensions 8 revision n0. 002 revision date: 01-23-2013 ehe004 figure 3: pcb top side figure 4: pcb bottom side qty parts (ref des.) package value manufacturer part number 1 c1 0603 1uf yageo, cc0603zry5v7bb105 1 c5 0603 4.7uf murata, grm188r60j475me19d 1 l1 1210 10uh taiyo yuden, CBC3225T100MR 1 c3 1206 47uf kemet, c1206c476m9pactu 1 c2 0603 100nf tdk, c1608y5v1e104z 2 c100, c101 case d (7343 metric) 100uf kemet, t491x107k025zt 1 j1 0.100" screw terminals phoenix contact, 1725672 1 d9 sod80c bat43w micro commercial co., bat43w-tp 1 sw3 cas-120 copal electronics, cas-120ta 1 sw2 cas-d20 copal electronics, cas-d20tb 1 u1 10-msop linear technology, ltc3588emse-1#pbf 1 j3 0.100" x 4 sullins, pptc041lgbn-r 1 sw1 eg1390 e-switch, eg1390a table 1: ehe004 bill of materials


▲Up To Search▲   

 
Price & Availability of CBC3225T100MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X